Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 29Page - NXP Semiconductors ISP1122D Datasheet HTML 30Page - NXP Semiconductors ISP1122D Datasheet HTML 31Page - NXP Semiconductors ISP1122D Datasheet HTML 32Page - NXP Semiconductors ISP1122D Datasheet HTML 33Page - NXP Semiconductors ISP1122D Datasheet HTML 34Page - NXP Semiconductors ISP1122D Datasheet HTML 35Page - NXP Semiconductors ISP1122D Datasheet HTML 36Page - NXP Semiconductors ISP1122D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
33 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Operating modes 0, 1, 4 and 5; see Table 4.
[1]
Test circuit: see Figure 22.
[2]
Excluding the first transition from Idle state.
[3]
Characterized only, not tested. Limits guaranteed by design.
Table 31: Dynamic characteristics: overcurrent sense pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ttrip
overcurrent trip response time
from OCn LOW to PSWn HIGH
see Figure 14
[1]
--15
ms
Table 32: Dynamic characteristics: analog I/O pins (D
+, D−); full-speed mode [1]
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; CL = 50 pF; RPU = 1.5 kΩ on D+ to VTERM.; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tFR
rise time
CL =50pF;
10 to 90% of
|VOH − VOL|
4
-
20
ns
tFF
fall time
CL =50pF;
10 to 90% of
|VOH − VOL|
4
-
20
ns
FRFM
differential rise/fall time
matching (tFR/tFF)
[2] 90
-
111.11
%
VCRS
output signal crossover voltage
[2] [3] 1.3
-
2.0
V
Data source timing
tDJ1
source differential jitter for
consecutive transitions
see Figure 15
[2] [3]
−3.5
-
+3.5
ns
tDJ2
source differential jitter for
paired transitions
see Figure 15
[2] [3]
−4-
+4ns
tFEOPT
source EOP width
see Figure 16
[3] 160
-
175
ns
tFDEOP
source differential data-to-EOP
transition skew
see Figure 16
[3]
−2-
+5ns
Receiver timing
tJR1
receiver data jitter tolerance for
consecutive transitions
see Figure 17
[3]
−18.5
-
+18.5
ns
tJR2
receiver data jitter tolerance for
paired transitions
see Figure 17
[3]
−9-
+9ns
tFEOPR
receiver SE0 width
accepted as EOP;
see Figure 16
[3] 82
--ns
tFST
width of SE0 during differential
transition
rejected as EOP;
see Figure 18
[3] --14
ns
Hub timing (downstream ports configured as full-speed)
tFHDD
hub differential data delay
(without cable)
see Figure 19;
CL =0pF
[3] --44
ns
tFSOP
data bit width distortion after
SOP
see Figure 19
[3]
−5-
+5ns
tFEOPD
hub EOP delay relative to tHDD see Figure 20
[3] 0
-
15
ns
tFHESK
hub EOP output width skew
see Figure 20
[3]
−15
-
+15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com