Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1122BD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1122BD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122BD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1122BD Datasheet HTML 35Page - NXP Semiconductors ISP1122BD Datasheet HTML 36Page - NXP Semiconductors ISP1122BD Datasheet HTML 37Page - NXP Semiconductors ISP1122BD Datasheet HTML 38Page - NXP Semiconductors ISP1122BD Datasheet HTML 39Page - NXP Semiconductors ISP1122BD Datasheet HTML 40Page - NXP Semiconductors ISP1122BD Datasheet HTML 41Page - NXP Semiconductors ISP1122BD Datasheet HTML 42Page - NXP Semiconductors ISP1122BD Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
39 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
17. Package outline
Fig 23. SO32 package outline.
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.10
0.25
0.01
1.4
0.055
0.3
0.1
2.45
2.25
0.49
0.36
0.27
0.18
20.7
20.3
7.6
7.4
1.27
10.65
10.00
1.2
1.0
0.95
0.55
8
0
o
o
0.25
0.1
0.004
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT287-1
MO-119
(1)
0.012
0.004
0.096
0.086
0.02
0.01
0.050
0.047
0.039
0.419
0.394
0.30
0.29
0.81
0.80
0.011
0.007
0.037
0.022
0.01
0.01
0.043
0.016
w M
bp
D
HE
Z
e
c
v M A
X
A
y
32
17
16
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
E
pin 1 index
0
5
10 mm
scale
SO32: plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1
97-05-22
99-12-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com