Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E22YCGR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22YCGR
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22YCGR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB2E22YCGR Datasheet HTML 18Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 19Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 20Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 21Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 22Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 23Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 24Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 25Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Dec-2023
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TUSB2E22RZAR
VQFN-
FCRLF
RZA
20
3000
330.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
TUSB2E22RZAT
VQFN-
FCRLF
RZA
20
250
330.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
TUSB2E22YCGR
DSBGA
YCG
25
3000
180.0
8.4
2.14
2.14
0.7
4.0
8.0
Q1
TUSB2E22YCGT
DSBGA
YCG
25
250
180.0
8.4
2.14
2.14
0.7
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com