Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J109 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # J109
Description  N-channel silicon junction FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J109 Datasheet(HTML) 2 Page - NXP Semiconductors

  J109 Datasheet HTML 1Page - NXP Semiconductors J109 Datasheet HTML 2Page - NXP Semiconductors J109 Datasheet HTML 3Page - NXP Semiconductors J109 Datasheet HTML 4Page - NXP Semiconductors J109 Datasheet HTML 5Page - NXP Semiconductors J109 Datasheet HTML 6Page - NXP Semiconductors J109 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Jul 30
2
Philips Semiconductors
Product specification
N-channel silicon junction FETs
J108; J109; J110
FEATURES
• High speed switching
• Interchangeability of drain and source connections
• Low RDSon at zero gate voltage (<8 Ω for J108).
APPLICATIONS
• Analog switches
• Choppers and commutators.
DESCRIPTION
N-channel symmetrical silicon junction field-effect
transistors in a TO-92 package.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING - TO-92
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
s
source
3
d
drain
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM197
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VGSoff
gate-source cut-off voltage
ID =1 µA; VDS =5V
J108
−3
−10
V
J109
−2
−6V
J110
−0.5
−4V
IDSS
drain current
VGS = 0; VDS =5V
J108
80
−
mA
J109
40
−
mA
J110
10
−
mA
Ptot
total power dissipation
up to Tamb =50 °C
−
400
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com