Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet(PDF) 2 Page - RFE international

Part # ES2A
Description  Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ES2A Datasheet(HTML) 2 Page - RFE international

  ES2A Datasheet HTML 1Page - RFE international ES2A Datasheet HTML 2Page - RFE international ES2A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Cycles
FIG2 Surge Forward Current Capability
8.3ms Single Half Sine Wave
0
0
1
0
1
1
0
10
20
30
40
50
20
160
FIG1 Io TL Curve
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
Lead Temperature( )
2.4
0
40
60
80
100
120
140
0.4
0.8
1.2
1.6
2.0
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Percent of Rated Peak Reverse Voltage(%)
Ta=25
FIG4:Typical Reverse Characteristics
Ta=125
0.4
0.8
1.2
1.6
2.0
2.4
0.01
0.02
0.05
Instantaneous Forward Voltage(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
ES2A~ES2D
ES2F~ES2G
ES2H-ES2J
ES2K
Surface Mount Super Fast Recovery Recifier
ES2A Through ES2K
DO-214AA
S-S025
08-12-2020
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)
0
trr
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
-0.25A
-1.0A
+0.5A
1cm
SET TIME BASE FOR
5/10ns/cm
50
NONINDUCTIVE
10
NONINDUCTIVE
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE1)
DUT
1
NONINDUCTIVE
NOTES:
1.Rise Time=7ns max .Inpot Impedance=1M
22pf
2.Rise Time=10ns max.Sourse Impedance=50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com