Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J112 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # J112
Description  N-channel silicon field-effect transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J112 Datasheet(HTML) 2 Page - NXP Semiconductors

  J112 Datasheet HTML 1Page - NXP Semiconductors J112 Datasheet HTML 2Page - NXP Semiconductors J112 Datasheet HTML 3Page - NXP Semiconductors J112 Datasheet HTML 4Page - NXP Semiconductors J112 Datasheet HTML 5Page - NXP Semiconductors J112 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
July 1993
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
J111; J112; J113
DESCRIPTION
Symmetrical silicon n-channel
junction FETs in plastic TO-92
envelopes. They are intended for
applications such as analog switches,
choppers, commutators etc.
FEATURES
• High speed switching
• Interchangeability of drain and
source connections
• Low R
DS on at zero gate voltage
PINNING
Note: Drain and source are
interchangeable.
1 = gate
2 = source
3 = drain
Fig.1 Simplified outline and symbol, TO-92.
handbook, halfpage
1
3
2
MAM042
s
d
g
QUICK REFERENCE DATA
J111
J112
J113
Drain-source voltage
±VDS
max.
40
40
40
V
Drain current
VDS = 15 V; VGS =0
IDSS
min.
20
5
2
mA
Total power dissipation
up to Tamb =50 °CPtot
max.
400
400
400
mW
Gate-source cut-off voltage
min.
max.
3
10
1
5
0.5
3
V
V
VDS = 5 V; ID =1 µA
−VGS off
Drain-source on-state resistance
VDS = 0.1 V; VGS =0
RDS on
max.
30
50
100
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com