Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7211AMLPL Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICM7211AMLPL
Description  4-Digit, LCD Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7211AMLPL Datasheet(HTML) 8 Page - Intersil Corporation

  ICM7211AMLPL Datasheet HTML 1Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 2Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 3Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 4Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 5Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 6Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 7Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3158.7
April 17, 2006
Typical Application
FIGURE 7. 80C48 MICROPROCESSOR INTERFACE
28
40
39 T1
P27 38
37
36
35
P17 34
33
32
31
30
29
P10 27
26
PROG
22
24
23
P20 21
80C48
µCOMPUTER
2 XTAL1
13
3 XTAL2
4 RESET
5 SS
6 INT
7 EA
RD
DB0 12
14
15
16
17
18
19
20
1 TO
PSEN
ALE
VCC VDD
VSS
11
9
25
DB7
10
8
27 28 29 30
CS2
36 OSC
35 VSS
1 VDD
+5V
8 DIGIT
LCD DISPLAY
SEGMENTS
HIGH ORDER DIGITS
ICM7211AM
INPUT
NC
+5V
I/O
I/O
DS1 DS2 CS1
31
32
33
34
DATA
2, 3, 4
BP 5
37-40
6-26
B0-B3
29
28
27
30
CS2
36 OSC
35 VSS
1 VDD
+5V
SEGMENTS
LOW ORDER DIGITS
ICM7211AM
DS1 DS2 CS1
31
32
33
34
DATA
2, 3, 4
BP 5
37-40
6-26
B0-B3
WR
ICM7211AM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com