Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J210 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # J210
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J210 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button J210 Datasheet HTML 4Page - NXP Semiconductors J210 Datasheet HTML 5Page - NXP Semiconductors J210 Datasheet HTML 6Page - NXP Semiconductors J210 Datasheet HTML 7Page - NXP Semiconductors J210 Datasheet HTML 8Page - NXP Semiconductors J210 Datasheet HTML 9Page - NXP Semiconductors J210 Datasheet HTML 10Page - NXP Semiconductors J210 Datasheet HTML 11Page - NXP Semiconductors J210 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Dec 01
9
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
Fig.16 Common source input admittance as a
function of frequency; typical values.
VDS = 15 V; VGS = 0; Tamb =25 °C.
handbook, halfpage
102
10
1
10−1
10−2
MGM291
10
102
103
yis
(mS)
f (MHz)
gis
bis
Fig.17 Common source transfer admittance as
a function of frequency; typical values.
handbook, halfpage
102
10
1
MGM292
10
102
103
yfs
(mS)
f (MHz)
gfs
−bfs
VDS = 15 V; VGS = 0; Tamb =25 °C.
Fig.18 Common source reverse admittance as
a function of frequency; typical values.
handbook, halfpage
10
1
10−1
10−2
10−3
MGM293
10
102
103
yrs
(mS)
f (MHz)
−brs
−grs
VDS = 15 V; VGS = 0; Tamb =25 °C.
Fig.19 Common source output admittance as
a function of frequency; typical values.
handbook, halfpage
MGM294
10
102
103
10
1
10−1
10−2
yos
(mS)
f (MHz)
gos
bos
VDS = 15 V; VGS = 0; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com