Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J176 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # J176
Description  P-channel silicon field-effect transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J176 Datasheet(HTML) 3 Page - NXP Semiconductors

  J176 Datasheet HTML 1Page - NXP Semiconductors J176 Datasheet HTML 2Page - NXP Semiconductors J176 Datasheet HTML 3Page - NXP Semiconductors J176 Datasheet HTML 4Page - NXP Semiconductors J176 Datasheet HTML 5Page - NXP Semiconductors J176 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
April 1995
3
Philips Semiconductors
Product specification
P-channel silicon field-effect transistors
J174; J175;
J176; J177
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
STATIC CHARACTERISTICS
Drain-source voltage
± V
DS
max.
30
V
Gate-source voltage
VGSO
max.
30
V
Gate-drain voltage
VGDO
max.
30
V
Gate current (DC)
−I
G
max.
50
mA
Total power dissipation
up to Tamb =50 °CPtot
max.
400
mW
Storage temperature range
Tstg
−65 to +150
°C
Junction temperature
Tj
max.
150
°C
From junction to ambient in free air
Rth j-a
=
250
K/W
Tj =25 °C unless otherwise specified
J174
J175
J176 J177
Gate cut-off current
VGS = 20 V; VDS =0
IGSS
max.
1
1
1
1 nA
Drain cut-off current
−V
DS = 15 V; VGS = 10 V
−IDSX
max.
1
1
1
1 nA
Drain current
−V
DS = 15 V; VGS = 10 V
−IDSS
min.
20
7
2
1.5 mA
max.
135
70
35
20 mA
Gate-source breakdown voltage
IG =1 µA; VDS =0
V(BR)GSS
min.
30
30
30
30 V
Gate-source cut-off voltage
−I
D =
10 nA; VDS = −15 V
VGS off
min.
5
3
1
0.8 V
max.
10
6
4
2.25 V
Drain-source ON-resistance
−V
DS = 0.1 V; VGS =0
RDSon
max.
85
125
250
300
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com