Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH02-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RH02-T
Description  0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RH02-T Datasheet(HTML) 1 Page - Diodes Incorporated

  RH02-T Datasheet HTML 1Page - Diodes Incorporated RH02-T Datasheet HTML 2Page - Diodes Incorporated RH02-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristic
Symbol
RH02
RH04
RH06
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VDC
200
400
600
V
RMS Reverse Voltage
VRMS
140
280
420
V
Average Forward Rectified Current (Note 1) TA = @ 40
°C
IO
0.5
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single half-sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Instantaneous Voltage Drop @ 0.4A (per element)
VF
1.15
V
Peak Reverse Current at Rated
@ TA = 25
°C
DC Blocking Voltage (per element)
@ TA = 125
°C
IR
5.0
100
mA
Maximum Reverse Recovery Time
(Note 3)
trr
150
250
ns
Typical Junction Capacitance (per element)
(Note 2)
Cj
13.0
pF
Typical Thermal Resistance, Junction to Ambient (Note 1)
RqJA
85
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
DS30137 Rev. 6 - 2
1 of 3
RH02 - RH06
www.diodes.com
ã Diodes Incorporated
RH02 - RH06
0.5A SURFACE MOUNT GLASS PASSIVATED FAST
RECOVERY BRIDGE RECTIFIER
Features
·
Case: MiniDIP
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Terminals: Finish
¾ Bright Tin. Plated Leads, Solderable
per MIL-STD-202, Method 208
·
Polarity: As Marked on Case
·
Marking: Type Number
·
Weight: 0.125 grams (approx.)
Mechanical Data
Notes:
1. Mounted on Glass Epoxy PC Board.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 V.
3. trr test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Glass Passivated Die Construction
·
Low Forward Voltage Drop
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automatic Assembly
·
Miniature Package Saves Space on PC Boards
·
Lead Free Finish, RoHS Compliant (Note 4)
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
B
C
D E
G
H
J
F
L
K
MiniDIP
Dim
Min
Max
B
3.6
4.0
C
0.15
0.35
D
¾
0.20
E
¾
7.0
F
¾
3.00
G
0.70
1.10
H
4.5
4.9
J
2.3
2.7
K
2.3
2.7
L
0.50
0.80
All Dimensions in mm
SPICE MODELS: RH02 RH04 RH06


Similar Part No. - RH02-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RH02 DIODES-RH02 Datasheet
49Kb / 1P
0.5A Surface Mount Glass-Passivated Fast Recovery Bridge Rectifiers--
logo
Lite-On Technology Corp...
RH02 LITEON-RH02 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Solid States Devices, I...
RH0227 SSDI-RH0227 Datasheet
200Kb / 2P
RECTIFIER
RH0227 SSDI-RH0227_15 Datasheet
200Kb / 2P
HYPER FAST RECTIFIER
RH0231 SSDI-RH0231 Datasheet
62Kb / 2P
Hyper Fast Centertap Rectifier
More results

Similar Description - RH02-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RH02 DIODES-RH02 Datasheet
49Kb / 1P
0.5A Surface Mount Glass-Passivated Fast Recovery Bridge Rectifiers--
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RH02 DIODES-RH02_15 Datasheet
75Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
Rev erse
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com