Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX005M Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # LX005M
Description  ASEMI Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

LX005M Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  LX005M Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD LX005M Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD LX005M Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
=1.0A
30
A
1.0
3-1
LX005M THRU LX10M
CURRENT
1.0 Ampere
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Maximum Ratings & Thermal Characteristics(T
A = 25 °C unless otherwise noted)
Single Phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
Symbol
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
TJ, TSTG
℃
1):Mounted on glass epoxy P.C.B with 1.2×1.5mm
2 pads。
2):Mounted on aluminum substrate P.C.B with 1.2×1.5mm
2 pads。
Electrical Characteristics(T
A = 25 °C unless otherwise noted)
UNIT
V
3):Pulse test: 300μS pulse width,1% duty cycle.
μA
TA = 125 ℃
-
-
100
5
Reverse current
TA = 25 ℃
IR
--
1.1
Items
Test conditions
Symbol
Min
Type
Max
Instantaneous forward voltage
IF
3)
VF
-0.95
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
Operating junction and storage temperature range
–55 to +150
Maximum DC blocking voltage
Maximum average forward rectified current
IF(AV)
1)
A
0.8
2)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Items
LX005M LX01M LX02M LX04M LX06M LX08M LX10M
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
Low Leakage Current
●
High Forward Surge Capability
●
Designed for Surface Mount Application
●
Plastic Material - UL Flammability 94V -O
●
Case:TLM-J Molded Plastic
●
Terminals: Solder plated, Solderable per
J-STD-002B and JESD22-B102D
●
Polarity: As Marked on body
●
Marking: Type Number
●
Lead Free: For ROHS/Leadfree Version
Mechanical Date
ASEMI Bridge Rectifier
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized


Similar Part No. - LX005M

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results

Similar Description - LX005M

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com