Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA5022IB
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA5022IB Datasheet HTML 5Page - Intersil Corporation HA5022IB Datasheet HTML 6Page - Intersil Corporation HA5022IB Datasheet HTML 7Page - Intersil Corporation HA5022IB Datasheet HTML 8Page - Intersil Corporation HA5022IB Datasheet HTML 9Page - Intersil Corporation HA5022IB Datasheet HTML 10Page - Intersil Corporation HA5022IB Datasheet HTML 11Page - Intersil Corporation HA5022IB Datasheet HTML 12Page - Intersil Corporation HA5022IB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
NOTES:
18. U1 is HA5022.
19. All resistors in
Ω.
20. S1 is break before make.
21. Use ground plane.
FIGURE 9. TWO CHANNEL HIGH IMPEDANCE MULTIPLEXER
NOTES:
22. U2: HA5022.
23. U1: CD4011.
FIGURE 10. LOW IMPEDANCE MULTIPLEXER
VIDEO INPUT #1
VIDEO INPUT #2
R1
75
R3
681
R2
681
R4
75
R5
2000
+
-
U1A
1
2
3
16
U1B
7
6
5
10
R9
75
R10
2000
R7
681
R8
681
R6
75
+5V IN
+5V
0.1
µF
10
µF
-5V IN
-5V
0.1
µF
10
µF
+
+
1
R11
100
VIDEO OUTPUT
TO 75
Ω LOAD
+5V
S1
2
3
ALL
OFF
100
Ω
(NOTE 17)
100
Ω
(NOTE 17)
+
-
INPUT B
+
-
-5V
+
-
+5V
INHIBIT
CHANNEL
SWITCH
INPUT A
R1A
75
R1B
75
D1A
1N4148
U1C
U1A
U1B
U1D
R6
100K
R5A
2000
C1A
0.047
µF
R5B
2000
D1B
1N4148
R1A
681
1
2
3
4
16
R3A
681
R4A
27
0.01
µF
R2B
681
R4B
27
R3B
681
0.01
µF
OUTPUT
7
6
5
13
10
U2B
U2A
C1B
0.047
µF
100
Ω
(NOTE 17)
100
Ω
(NOTE 17)
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com