Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N1479 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N1479
Description  NPN SILICON MEDIUM POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1479 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N1479 Datasheet HTML 1Page - Microsemi Corporation 2N1479 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON MEDIUM POWER TRANSISTOR
Qualified per MIL-PRF-19500/207
Devices
Qualified Level
2N1479
2N1480
2N1481
2N1482
MAXIMUM RATINGS
Ratings
Symbol
2N1479
2N1481
2N1480
2N1482
Unit
Collector-Emitter Voltage
VCEO
40
55
Vdc
Collector-Base Voltage
VCBO
60
100
Vdc
Emitter-Base Voltage
VEBO
12
Vdc
Collector Current
IC
1.5
Adc
Base-Current
IB
1.0
Adc
Total Power Dissipation @ TA = 25
0C
PT
1.0
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
35
0C/W
TO-5*
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50 mAdc
2N1479, 2N1481
2N1480, 2N1482
V(BR)CEO
40
55
Vdc
Collector-Emitter Breakdown Voltage
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1479, 2N1481
VEB = 1.5 Vdc, IC = 0.25 mAdc
2N1480, 2N1482
V(BR)CEX
60
100
Vdc
Collector-Base Cutoff Current
VCB = 30 Vdc
2N1479, 2N1481
VCB = 50 Vdc
2N1480, 2N1482
ICBO
5.0
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 12 Vdc
IEBO
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N1479

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N1479 ETC-2N1479 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Central Semiconductor C...
2N1479 CENTRAL-2N1479 Datasheet
87Kb / 1P
NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1479 NJSEMI-2N1479 Datasheet
174Kb / 1P
NPN TO-39/TO-5
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N1479 MICROSEMI-2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
More results

Similar Description - 2N1479

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
PZTA42-C SECOS-PZTA42-C Datasheet
246Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com