Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA06 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMSTA06
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA06 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMSTA06 Datasheet HTML 1Page - Diodes Incorporated MMSTA06 Datasheet HTML 2Page - Diodes Incorporated MMSTA06 Datasheet HTML 3Page - Diodes Incorporated MMSTA06 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30168 Rev. 8 - 2
3 of 4
MMSTA05/MMSTA06
www.diodes.com
1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 4 Collector Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0.050
0
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
I
C
I
B
=10
0.001
0.01
I
BASE CURRENT (mA)
Fig.3 Typical Collector Saturation Region
B,
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I= 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
T , AMBIENT TEMPERATURE (
)
A
ºC
Fig. 2 Typical Collector-Cutoff Current
vs. Ambient Temperature
10
0.01
0.1
1
25
50
75
100
125
V
= 80V
CB
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
100
150
200
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com