Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA42 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMSTA42
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA42 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMSTA42 Datasheet HTML 1Page - Diodes Incorporated MMSTA42 Datasheet HTML 2Page - Diodes Incorporated MMSTA42 Datasheet HTML 3Page - Diodes Incorporated MMSTA42 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30175 Rev. 9 - 2
1 of 4
MMSTA42
www.diodes.com
© Diodes Incorporated
MMSTA42
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (MMSTA92)
•
Ideal for Low Power Amplification and Switching
•
Ultra-Small Surface Mount Package
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Note 3 and 4)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
J
L
E
D
B C
H
K
G
B
E
C
Mechanical Data
•
Case: SOT-323
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Marking (See Page 2): K3M
•
Ordering & Date Code Information: See Page 2
•
Weight: 0.006 grams (approximate)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current (Note 1)
IC
200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
α
0
°
8
°
All Dimensions in mm
Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_freeindex.php.
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
E
B
C
SPICE MODEL: MMSTA42


Similar Part No. - MMSTA42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA42 DIODES-MMSTA42 Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 3 - 2
logo
TRANSYS Electronics Lim...
MMSTA42 TEL-MMSTA42 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
MMSTA42 BILIN-MMSTA42 Datasheet
260Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Micro Commercial Compon...
MMSTA42 MCC-MMSTA42 Datasheet
75Kb / 2P
NPN Small Signal Transistors
logo
Diodes Incorporated
MMSTA42 DIODES-MMSTA42 Datasheet
118Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
More results

Similar Description - MMSTA42

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com