Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5232BTS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5232BTS
Description  TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5232BTS Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5232BTS Datasheet HTML 1Page - Diodes Incorporated MMBZ5232BTS Datasheet HTML 2Page - Diodes Incorporated MMBZ5232BTS Datasheet HTML 3Page - Diodes Incorporated MMBZ5232BTS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS30184 Rev. 10 - 2
1 of 4
MMBZ5221BTS - MMBZ5259BTS
www.diodes.com
ã Diodes Incorporated
MMBZ5221BTS - MMBZ5259BTS
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
·
Three Isolated Zeners in Ultra-Small Surface Mount
Package
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Features
Maximum Ratings
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Orientation: See Diagram
·
Marking: Marking Code (See Table on Page 2)
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
KXX YM
C
3
C
1
C
2
A
2
A
3
A
1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
SPICE MODELS: MMBZ5221BTS MMBZ5223BTS MMBZ5225BTS MMBZ5226BTS MMBZ5227BTS MMBZ5228BTS MMBZ5229BTS
MMBZ5230BTS MMBZ5231BTS MMBZ5232BTS MMBZ5233BTS MMBZ5234BTS MMBZ5235BTS MMBZ5236BTS MMBZ5237BTS
MMBZ5238BTS MMBZ5239BTS MMBZ5240BTS MMBZ5241BTS MMBZ5242BTS MMBZ5243BTS MMBZ5245BTS MMBZ5246BTS
MMBZ5248BTS MMBZ5250BTS MMBZ5251BTS MMBZ5252BTS MMBZ5254BTS MMBZ5255BTS MMBZ5256BTS MMBZ5257BTS
MMBZ5258BTS MMBZ5259BTS


Similar Part No. - MMBZ5232BTS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5232BTS DIODES-MMBZ5232BTS Datasheet
62Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
MMBZ5232BTS DIODES-MMBZ5232BTS Datasheet
149Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
More results

Similar Description - MMBZ5232BTS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev 11
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com