Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD830 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD830
Description  8.0A SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD830 Datasheet(HTML) 1 Page - Diodes Incorporated

  SD830 Datasheet HTML 1Page - Diodes Incorporated SD830 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS23006 Rev. 6 - 2
1 of 2
SD830 - SD860
www.diodes.com
ã Diodes Incorporated
·
High Current Capability and Low Forward Drop
·
High Surge Capacity
·
Guard Ring for Transient Protection
·
Low Power Loss, High Efficiency
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode band
·
Mounting Position: Any
·
Weight: 1.1 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Thermal Resistance from Junction to Lead Vertical PC Board Mounting, 9.5mm Lead Length.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
SD830 - SD860
8.0A SCHOTTKY BARRIER RECTIFIERS
Features
Characteristic
Symbol
SD830
SD840
SD845
SD860
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
40
45
60
V
RMS Reverse Voltage
VR(RMS)
21
28
31.5
42
V
Maximum Average Forward Rectified Current
TL = 90°C
IO
8.0
A
Peak Forward Surge current 8.3ms half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
175
A
Maximum Forward Voltage at 8.0A
VF
0.55
0.70
V
Maximum Average Reverse Current at
TA= 25°C
Peak Reverse Voltage
TA= 100°C
IR
1.0
50
mA
Typical Thermal Resistance (Note 1)
RqJL
30
K/W
Typical Junction Capacitance (Note 2)
Cj
550
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
DO-201AD
Dim
Min
Max
A
25.40
—
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
SPICE MODELS: SD830 SD840 SD845 SD860


Similar Part No. - SD830

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD830 DIODES-SD830 Datasheet
58Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. F-2
logo
Dc Components
SD830 DCCOM-SD830 Datasheet
252Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Micro Commercial Compon...
SD830 MCC-SD830 Datasheet
377Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD830 MCC-SD830 Datasheet
394Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
New Jersey Semi-Conduct...
SD830 NJSEMI-SD830 Datasheet
86Kb / 1P
8.0A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD830

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD830 DIODES-SD830 Datasheet
58Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. F-2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SR820 LUGUANG-SR820 Datasheet
182Kb / 2P
8.0A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP840 WILLAS-SP840 Datasheet
623Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Formosa MS
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
logo
Diodes Incorporated
SD845-B DIODES-SD845-B Datasheet
60Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS
Rev erse
SD860-T DIODES-SD860-T Datasheet
60Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS
Rev erse
SD830 DIODES-SD830_15 Datasheet
149Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIERS
Rev erse
logo
New Jersey Semi-Conduct...
SD830 NJSEMI-SD830 Datasheet
86Kb / 1P
8.0A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com