Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 560
Description  Audio Broadcast Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

560 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  560 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 560 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11/18/23, 7:51 AM
Audio Broadcast Quality (560 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/transformers/audio/560
2/2
Data subject to change without notice
Part No.
Application
Nominal Impedance (Ohms)
Overall Dimensions
Primary
Secondary
A
B
C
D
E
F
G
H
560L
Collector to Line or Matching
150/600
5K/20K
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
560N
Collector to Line
150/600
10K/40K
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
560Q
Matching or Bridging
10k/40k
10K/40K
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
Tags: audio transformer, broadcast, humbucking, shield, split windings, impedance matching, pin
connection
© 2023. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com