Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5 Datasheet(PDF) 32 Page - Knowles Electronics

Part # AM5
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM5 Datasheet(HTML) 32 Page - Knowles Electronics

Back Button AM5 Datasheet HTML 28Page - Knowles Electronics AM5 Datasheet HTML 29Page - Knowles Electronics AM5 Datasheet HTML 30Page - Knowles Electronics AM5 Datasheet HTML 31Page - Knowles Electronics AM5 Datasheet HTML 32Page - Knowles Electronics AM5 Datasheet HTML 33Page - Knowles Electronics AM5 Datasheet HTML 34Page - Knowles Electronics AM5 Datasheet HTML 35Page - Knowles Electronics AM5 Datasheet HTML 36Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
www.knowlescapacitors.com
30
Giga-Trim® Trimmers - Selection Guide
Part No.
Capacitance
Range (pF)
Number of
Turns
Working
Voltage (VDC)
Dielectric
Tuning Torque
(oz in)
Q @ 250 MHz
Page Number
17273
0.6 to 4.5
>8
500
Alumina
0.2 to 2
>2000
31
27261
0.3 to 1.2
>5
500
Sapphire
0.1 to 1
>5000
32
27261SL
27263
31
27264
27265
27271
0.6 to 4.5
>8
500
Sapphire
0.2 to 2
>3000
32
27271SL
27273
31
27274
27275
27281
0.4 to 2.5
>4
500
Sapphire
0.2 to 2
>4000
32
27281S L
27283
31
27284
27285
27291
0.8 to 8.0
>16
500
Sapphire
0.2 to 2
>*3000
32
27291SL
27293
31
27294
27295
47273
0.6 to 4.5
>8
500
Alumina
0.2 to 2
>3000
31
47473
2.0 to 6.0
>6
>1500
47483
0.3 to 2.3
>4
>2000
47285-3
0.4 to 2.5
>4
>**3000
32
57273
0.8 to 8.0
>8
500
Zirconia
0.2 to 2
>*2000
32
57285-3
0.8 to 4.5
>4
>**1000
32
*Q @ 100 MHz **@ 200 MHz
Part No.
Units/Reel
Carrier Tape
27273-3R5
400
24mm
27283-3R10
750
16mm
47275-1R11
500
32mm
47273-11R5
400
24mm
47273R5
400
24mm
47483R10
750
16mm
572733R5
400
24mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com