Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLTR85 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SPLTR85_V01 Datasheet HTML 5Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 6Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 7Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 8Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 9Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 10Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 11Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 12Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SPL TR85
12 Version 0.2 | 2018-11-26
Glossary
1)
Reverse Operation: Reverse Operation of 10 hours is permissible in total. Continuous reverse opera-
tion is not allowed.
2)
Monitor current: Monitor current refers to a reverse voltage of VRPD = 5 V. Monitor current is for short
time power reference purpose only. Not guaranteed for accuracy.
3)
Monitor current: For reference only.
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com