Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70T
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70T Datasheet HTML 1Page - Diodes Incorporated BAS70T Datasheet HTML 2Page - Diodes Incorporated BAS70T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30261 Rev. 9 - 2
1 of 3
BAS70T/ -04T/ -05T/ -06T
www.diodes.com
ã Diodes Incorporated
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 3)
Features
A
M
J
L
D
B C
H
K
G
N
Mechanical Data
BAS70T/ -04T/ -05T/ -06T
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
Electrical Ratings @ TA = 25°C unless otherwise specified
BAS70T Marking: 7C
BAS70-04T Marking: 7D
BAS70-05T Marking: 7E
BAS70-06T Marking: 7F
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 1)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current @ tp < 1.0s
IFSM
100
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
833
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
70
—
—
IR = 10mA
Forward Voltage
VF
—
410
1000
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Leakage Current (Note 2)
IR
¾
100
nA
tp < 300µs, VR = 50V
Total Capacitance
CT
¾
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
Irr = 0.1 x IR, RL = 100W
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 2
·
Ordering Information, See Page 2
·
Weight: 0.002 grams (approximate)
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾
¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0°
8°
¾
All Dimensions in mm
SPICE MODELS: BAS70T BAS70-04T BAS70-05T BAS70-06T


Similar Part No. - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 4 - 2
logo
Guangdong Kexin Industr...
BAS70T KEXIN-BAS70T Datasheet
33Kb / 1P
Schottky Diode
logo
SeCoS Halbleitertechnol...
BAS70T SECOS-BAS70T Datasheet
388Kb / 2P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 July 2008
logo
Micro Commercial Compon...
BAS70T MCC-BAS70T Datasheet
604Kb / 3P
150mWatt, 70Volt Schottky Barrier Diode
More results

Similar Description - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com