Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847AT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847AT
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847AT Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847AT Datasheet HTML 1Page - Diodes Incorporated BC847AT Datasheet HTML 2Page - Diodes Incorporated BC847AT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30274 Rev. 7 - 2
2 of 3
BC847AT, BT, CT
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain
(Note 3)
Current Gain A
B
C
Current Gain A
B
C
hFE
110
200
420
150
270
290
520
220
450
800
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 3)
VCE(SAT)
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 3)
VBE(SAT)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 3)
VBE
580
660
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE =5.0V, IC = 10mA
Collector-Emitter Cutoff Current
(Note 3)
ICBO
ICBO
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Output Capacitance
COBO
4.5
pF
VCB = 10V, f = 1.0MHz
BC847BT
Noise Figure
BC847CT
NF
10
4.0
dB
VCE = 5V, RS = 2.0kW,
f = 1.0kHz, BW = 200Hz
Notes:
3. Short duration pulse test used to minimize self-heating effect.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1), e.g. 1E = BC847AT
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Marking Information
Ordering Information (Note 4)
Device
Packaging
Shipping
BC847AT-7-F
SOT-523
3000/Tape & Reel
BC847BT-7-F
SOT-523
3000/Tape & Reel
BC847CT-7-F
SOT-523
3000/Tape & Reel
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com