Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7020 Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7020
Description  This series of detectors can detect fixed voltages from 2.2V to 7V.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7020 Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7020 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7020 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.umw-ic.com
友台半导体有限公司
7
Ver 2.0
UMW
R
UMW 70XX
UMW 70XX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com