Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847PN Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847PN
Description  COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847PN Datasheet HTML 1Page - Diodes Incorporated BC847PN Datasheet HTML 2Page - Diodes Incorporated BC847PN Datasheet HTML 3Page - Diodes Incorporated BC847PN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DS30278 Rev. 8 - 2
3 of 4
BC847PN
www.diodes.com
Date Code Key
K7P = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
K7P
10
100
1000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 4, Gain Bandwidth Product vs Collector Current (BC847B)
T = 25
°C
A
V
= 10V
CE
V
= 5V
CE
V
= 2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Collector Saturation Voltage vs Collector Current (BC847B)
I / I = 20
C
B
T = 100
°C
A
T = 25
°C
A
T = -50
°C
A
1
10
100
1000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
C
Fig. 2, DC Current Gain vs Collector Current (BC847B)
V
= 5V
CE
T =
A
100
°C
T = 25
°C
A
T =
A
-50
°C
0
50
100
150
200
250
0
40
80
120
160
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1, Power Derating Curve (Total Device)
(see Note 1)
Marking Information
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
M
N
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com