Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP05LC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLP05LC
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP05LC Datasheet(HTML) 1 Page - Diodes Incorporated

  DLP05LC Datasheet HTML 1Page - Diodes Incorporated DLP05LC Datasheet HTML 2Page - Diodes Incorporated DLP05LC Datasheet HTML 3Page - Diodes Incorporated DLP05LC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS30283 Rev. 8 - 2
1 of 4
DLP05LC
www.diodes.com
ã Diodes Incorporated
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Marking: A05 + Date Code, See Sheet 3
·
Weight: 0.008 grams (approximate)
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
ms)
Ppk
300
W
Thermal Resistance, Junction to Ambient
RqJA
286
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings, Total Device @ TA = 25°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
NC
LINE TO
BE PROTECTED
GROUND
TVS
DLP05LC
LOW CAPACITANCE UNIDIRECTIONAL TVS
Mechanical Data
·
300 Watts Peak Pulse Power (tp = 8x20
ms)
·
Transient Protection for data, signal, and VCC bus to
IEC61000-4-2 level 4 (ESD) and IEC 61000-4-4 (EFT)
·
Low Capacitance, typ. <2 pF
·
Low Leakage Current
·
Unidirectional Configuration
·
Surface Mount Package Ideally Suited for Automatic
Insertion
·
Lead Free/RoHS Compliant (Note 4)
Electrical Characteristics @ TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp = 1A
(Note 3)
Max. Peak Pulse
Current (Note 2)
Typical
Junction
Capacitance
(Note 1)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (
mA)
VC (V)
(A)
(pF)
5
6.0
¾
1.0
20
11.0
17
1.6
Notes:
1. VR = 0V, f = 1MHz.
2 . tp = 8x20
ms.
3. Clamping voltage value is based on an 8x20
ms peak pulse current (Ipp) waveform.
4.
No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm


Similar Part No. - DLP05LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
DLP05LC DIODES-DLP05LC Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
DLP05LC-7-F DIODES-DLP05LC-7-F Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
DLP05LC-7-F DIODES-DLP05LC-7-F Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
More results

Similar Description - DLP05LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP03LC DIODES-DLP03LC Datasheet
112Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS31132 Rev. 10 - 3
DLP05LC DIODES-DLP05LC_09 Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
logo
Pan Jit International I...
PJLPT05 PANJIT-PJLPT05 Datasheet
191Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DLP05LC DIODES-DLP05LC_14 Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com