Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ1010 Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # KBJ1010
Description  1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBJ1010 Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  KBJ1010 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBJ1010 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.0
KBJ10005 thru KBJ1010
0
0
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 5 Typical Junction Capacitance
Percent of Rated Peak Reverse
Voltage, %
Reverse Voltage, Volts
0.1
1.0
10
100
0
20
40
60
80
100
10
1
10
100
1.0
100
1000
Tj=25 C
f =1.0 MHz
Vsig=50mV p.p.
Fig. 1 Derating Curve for
Output Rectified Current
0
3.0
50
100
150
0
with heatsink
without heatsink
60Hz Resistive of
Inductive Load
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
50
100
1
10
10
0
0
150
200
.
Rating and Characteristic Curves ( TA=25 C Unless otherwise noted )
Case Temperature, C
Instantaneous Forward
Voltage, Volts
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Pulse Width=300us
2% duty cycle
Tj=25 C
Tj=25 C
0
0.6
1.8
Tj=25 C
Tj=100 C
Tj=125 C
Tj=50 C
250
8.3ms
Single half-sine-Wave
[JEDEC Method]
Fig. 4 Typical Reverse
Characteristics at Tj=25 C
300
100
KBJ1 005 thru KBJ1 10
www.asemi
99.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com