Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBV5000 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # RBV5000
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

RBV5000 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  RBV5000 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD RBV5000 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-1
10 00
CURRENT
50 Ampere
RBV5000 THRU RBV5010
RBV-4
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Dimensions in millimeters(1mm =0.0394")
+
_
~ ~
+
17.5 0.5
+
30.0 0.3
5
+
20.0 0.3
+
4 0.2
+
2.2 0.2
+
2.5 0.2
+
1.0 0.1
+
10 0.2
+
7.5 0.2
+
4.6 0.2
+
3.6 0.2
+
3.5 0.2
+
3.2 0.2
+
0.7 0.1
+
11.0 0.2
+
2.7 0.2
+
7.5 0.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RBV
5000
RBV
5001
RBV
5002
RBV
5004
RBV
5006
RBV
5008
RBV
5010
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 55
°C
IF(AV)
50
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage per Diode at IF = 25 A
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
1.5
°C/W
Operating Junction Temperature Range
TJ
10
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
1. Thermal Resistance fromjunction tocasewith units mounted on heatsink.
RATING
IFSM
400
A
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000VDC
* Ideal for printed circuit board
* Very goodheat dissipation
MECHANICALDATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight :
.
grams ( Approximaly )
ASEMI Bridge Rectifier
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized
*


Similar Part No. - RBV5000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV5000 EIC-RBV5000 Datasheet
40Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RBV5000 SYNSEMI-RBV5000 Datasheet
41Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV5000 EIC-RBV5000 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
RBV5000 NJSEMI-RBV5000 Datasheet
148Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV5000 EIC-RBV5000 Datasheet
405Kb / 2P
SILICON BRIDGE RECTIFIERS
Rev. 08:December 15, 2017
More results

Similar Description - RBV5000

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com