Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS757 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS757
Description  OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS757 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS757 Datasheet HTML 1Page - Texas Instruments SN74AS757 Datasheet HTML 2Page - Texas Instruments SN74AS757 Datasheet HTML 3Page - Texas Instruments SN74AS757 Datasheet HTML 4Page - Texas Instruments SN74AS757 Datasheet HTML 5Page - Texas Instruments SN74AS757 Datasheet HTML 6Page - Texas Instruments SN74AS757 Datasheet HTML 7Page - Texas Instruments SN74AS757 Datasheet HTML 8Page - Texas Instruments SN74AS757 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54AS756, SN74AS756, SN74AS757
OCTAL BUFFERS AND LINE DRIVERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS040B – DECEMBER 1983 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54AS756
SN74AS756
SN74AS757
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS756
SN74AS756
SN74AS757
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
VOL
VCC =4 5V
IOL = 48 mA
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
A inputs of
SN74AS757 only
VCC = 5.5 V,
VI = 0.4 V
–1
–1
mA
IL
All other inputs
CC
,
I
– 0.5
– 0.5
′AS756
VCC =5 5V
Outputs high
9
15
9
15
ICC
′AS756
VCC = 5.5 V
Outputs low
51
80
51
80
mA
ICC
SN74AS757
VCC =5 5V
Outputs high
21
33
21
33
mA
SN74AS757
VCC = 5.5 V
Outputs low
61
95
61
95
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com