Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20150LFCT Datasheet(PDF) 3 Page - ASEMI TECHNOLOGY., LTD

Part # SB20150LFCT
Description  20 Ampere low vf Schottky diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SB20150LFCT Datasheet(HTML) 3 Page - ASEMI TECHNOLOGY., LTD

  SB20150LFCT Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SB20150LFCT Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SB20150LFCT Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SB20150LFCT Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SB20150LFCT Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-3
RATING AND CHRACTERISTIC CURVES
www.asemi99.com
2018.11 Rev.3.1
20 Ampere low vf Schottky diode
VOLTAGE RANG
45 to 150 Volts
CURRENT
20 Ampere
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0
.01
0
. 1
1
10
100
20
30
40
50
60
70
80
90 100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
VR, Reverse Bias Voltage (V)
0.01
0. 1
1
10
100
0
0.2
0.4
0.6
0.8
VF, Forward Voltage (V)
T
J = 125°C
TJ = 15 0°C
T
J = 25°C
TJ = 75°C
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10000
0
1
10
100
SB2045LCT THRU SB20150LFCT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com