Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1004A Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SFF1004A
Description  10A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SFF1004A Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SFF1004A Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SFF1004A Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFF1002A
SFF1004A SFF1006A SFF1008A SFF1010A
2 0 0
4 00
600
800
1000
V
1 40
280
420
560
700
V
2 0 0
4 00
600
800
1000
V
SFF1002A THRU SFF1010A
10
0.95
1.3
1.5
1.7
1.9
V
VOLTAGE RANG 200 to 1000 Volts
2-1
www.asemi99.com
2018.11 Rev.3.1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Low power loss, high efficiency
• Low forward voltage, high current capability
• High surge capacity
• Super fast recovery times, high voltage
• Glass passivation junction
• Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive)
• Green molding compound as per IEC61249 Std. . (Halogen Free)
NOTES :
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=-1A, Irr=-0.25A.
3. Both Bonding and Chip structure are available.
MECHANICAL DATA
• Case: ITO-220AC Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.055 ounces, 1.56 grams.
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA ME TE R
S YMB OL
Ma xi mum Re curre nt P eak Re ve rs e Vo ltag e
V
RRM
Ma xi mum RMS Vo lta g e
V
RMS
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
Ma xi mum A ve ra ge F o rward C urre nt a t Tc =1 00OCI
F(AV )
10
A
P eak F o rward S urg e C urre nt, 8 .3 ms si ng le ha lf si ne -wave
s uperi mpo sed on ra te d lo a d
I
FS M
150
A
Ma xi mum F o rward Vo ltage a t 10 A , per element
V
F
Ma xi mum D C Re ve rs e C urrent at Ra te d D C B lo cki ng
Vo ltage
T
J =2 5
OC
T
J = 100
OC
I
R
50 0
μA
Ma xi mum Re ve rs e Re c o ve ry Ti me (No te 2 )
t
rr
35
50
ns
Typ i cal Junc ti on ca paci ta nce (Note 1)
C
J
62
p F
Typ i cal Therma l Re si sta nce
R
θJC
3
OC /
W
Operati ng Junc ti on a nd S torage Te mp erature Ra ng e
T
J ,TSTG
-5 5 to +1 5 0
OC
UNITS
10A super fast recovery diode
CURRENT
10 Ampere


Similar Part No. - SFF1004A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SFF1004 JUXING-SFF1004 Datasheet
2Mb / 2P
Superfast Recovery Rectifiers
logo
ASEMI TECHNOLOGY., LTD
SFF1004 ASEMI-SFF1004 Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
logo
SUNMATE electronic Co.,...
SFF1004 SUNMATE-SFF1004 Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
SFF1004CT SUNMATE-SFF1004CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFF1004G TSC-SFF1004G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFF1004A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
DF10LC20U SHINDENGEN-DF10LC20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
logo
Frontier Electronics.
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-03-LFR FRONTIER-SFF100-03-LFR Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1060CT ASEMI-MUR1060CT Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060AC ASEMI-MURF1060AC Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060CT ASEMI-MURF1060CT Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006 ASEMI-SF1006 Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006A ASEMI-SF1006A Datasheet
307Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006 ASEMI-SFF1006 Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com