Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV116W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV116W
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116W Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV116W Datasheet HTML 1Page - Diodes Incorporated BAV116W Datasheet HTML 2Page - Diodes Incorporated BAV116W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30291 Rev. 8 - 2
2 of 3
BAV116W
www.diodes.com
ÓDiodes Incorporated
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
Device mounted on an
FR4 printed-circuit board
0
50
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE ( C)
Fig. 2 Current Derating Curve
A
°
10
1.0
100
1000
0.1
0.01
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3 Typical Forward Characteristics
F
0
2.0
0.4
0.8
1.2
1.6
0.1
1
10
0
50
150
100
200
T , AMBIENT TEMPERATURE (
)
Fig. 4 Typical Reverse Characteristics
A
°C
V = 75V
R
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BAV116W-7-F
SOD-123
3000/Tape & Reel
Ordering Information
(Note 4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com