Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA2P1N Datasheet(PDF) 1 Page - Diodes Incorporated

Part # CTA2P1N
Description  COMPLEX TRANSISTOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2P1N Datasheet(HTML) 1 Page - Diodes Incorporated

  CTA2P1N Datasheet HTML 1Page - Diodes Incorporated CTA2P1N Datasheet HTML 2Page - Diodes Incorporated CTA2P1N Datasheet HTML 3Page - Diodes Incorporated CTA2P1N Datasheet HTML 4Page - Diodes Incorporated CTA2P1N Datasheet HTML 5Page - Diodes Incorporated CTA2P1N Datasheet HTML 6Page - Diodes Incorporated CTA2P1N Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS30296 Rev. 7 - 2
1 of 7
CTA2P1N
www.diodes.com
ã Diodes Incorporated
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 2)
RqJA
833
°
C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
Features
Maximum Ratings, Total Device @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
A80
Maximum Ratings, Q1, MMBT4403 PNP Transistor Element @ TA = 25°C unless otherwise specified
CTA2P1N
COMPLEX TRANSISTOR ARRAY
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-600
mA
Maximum Ratings, Q2, 2N7002 N-Channel MOSFET Element @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS £ 1.0MW
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 2)
Continuous
Continuous @ 100°C
Pulsed
ID
115
73
800
mA
Notes: 1. No purposefully added lead.
Mechanical Data
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Terminal Connections: See Diagram
·
Marking: A80, See Page 3
·
Ordering Information: See Page 3
·
Weight: 0.006 grams (approx.)
·
Combines MMBT4403 type transistor with 2N7002 type MOSFET
·
Small Surface Mount Package
·
NPN/P-Channel Complement Available: CTA2N1P
·
Lead Free/RoHS Compliant (Note 1)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0°
8°
All Dimensions in mm
B
Q1
S
Q2
D
Q2
E
Q1
C
Q1
G
Q2
Q2
Q1
SPICE MODEL: CTA2P1N


Similar Part No. - CTA2P1N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2P1N DIODES-CTA2P1N Datasheet
236Kb / 5P
COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
CTA2P1N-7 DIODES-CTA2P1N-7 Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2P1N-7-F DIODES-CTA2P1N-7-F Datasheet
236Kb / 5P
COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
CTA2P1N DIODES-CTA2P1N_2 Datasheet
236Kb / 5P
COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
More results

Similar Description - CTA2P1N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
CTA2P1N DIODES-CTA2P1N_2 Datasheet
236Kb / 5P
COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DS30701 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com