Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575S-5.0 Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575S-5.0
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575S-5.0 Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575S-5.0 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575S-5.0 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics (Circuit of Figure 1) (Continued)
Switch Saturation
Voltage
Switch Current Limit
Dropout Voltage
Operating
Quiescent Current
Shutdown
Quiescent Current
Minimum Operating
Supply Voltage
ON /OFF Threshold
Voltage
ON /OFF Pin
Current (Sinking)
Switching Frequency
6
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com