Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321IDBVR Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV321IDBVR
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV321IDBVR Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV321IDBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics
At RL = 100kΩ connected to Vs/2,and VOUT = Vs/2,Ta=25℃) , unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage
VOS
--
mV
Input offset current
lOS
--
10
--
pA
Input bias current
lB
--
10
--
pA
Common-mode input voltage
range
VCM
VS=5.5V
--
-0.1~5.6
--
V
Open-loop Gain
AOL
Vo=0.1V to 4.9 V, RL =5 kΩ
70
80
--
dB
Common Mode Rejection
CMRR
VCM = -0.1V~4 V, VS=5.5V
62
70
--
dB
Power Supply Rejection
PSRR VCM = (-VS)+0.5 V, VS=2.5V~5.5V
60
80
--
dB
Input offset voltage drift
--
2.7
--
.μV/℃
Input voltage swing
VI
mV
RL= 100 kΩ
--
8
RL=10 kΩ
--
80
Operating voltage range
VW
2.1
--
5.5
mV
Output Current
IO
20
--
mA
25
Quiescent Current
IQ
IOUT=0
--
45
60
μA
G = +1 , 2V Output Step
--
0.52
--
V/μs
Gain Bandwidth Product
GBP CL = 100pF
--
1
--
MHz
Equivalent Input Noise Voltage
eN
f=1KHz
--
27
--
f=10KHz
--
20
--
Absolute Maximum Ratings (TA=25
℃) Note1
Parameter
Symbol
Value
Units
Supply Voltage
VCC
7.5
V
Common-mode Input Voltage
VICR
(-VS)-0.5~(+VS)0.5
V
Operating Temperature Range
TOPR
-25 to +85
°C
Storage Temperature Range
TSTG
-50 to 150
°C
Junction Temperature
TJ
150
°C
Note1: Exceeding the above limits may damage to the chip. The reliability of the device will also be affected if the device
works under the limit conditions. Electrostatic discharge can also cause damage to chips, so it is suggested to take some
preventive measures for integrated circuits. Failure to follow proper handling and installation can also cause damage.
Precision LMV321 and other devices are more vulnerable to damage than ordinary devices in the case of tiny
electrostatic, and small parameter changes may make the whole circuit performance substandard.
Lead Temperature (Soldering, 10 sec)
TL
250
°C
Vo=0.035V to 4.96 V, RL =100 kΩ
80
84
--
VCM = -0.1V~5.6 V, VS=5.5V
56
68
--
∆VOS/∆T
--
--
Slew Rate
SR
nV/ Hz
Low-Power rail-to-rail Operational Amplifier
UMW
LMV321/LMV358/LMV324
R
mV
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
0.8
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com