Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358IDR Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV358IDR
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV358IDR Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV358IDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IDR Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SC70-5
SOT23-5
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
C
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L
0.700REF
0.028REF
L1
0.300
0.460
0.012
0.024
θ
0°
8°
0°
8°
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
C
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650TYP
0.026TYP
e1
1.200
1.400
0.047
0.055
L
0.525REF
0.021REF
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°
Low-Power rail-to-rail Operational Amplifier
UMW
LMV321/LMV358/LMV324
R
www.umw-ic.com
6
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com