Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358IPWR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV358IPWR
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV358IPWR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV358IPWR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV358IPWR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low-Power rail-to-rail Operational Amplifier
Rail to rail input and output, typical 0.8mv Vos
Gain bandwidth product 1MHz
Low input bias current: 10pA (TYP)
Low Power consumption
2.1V ~ 5.5V working voltage
Low operating current: 45uA
Description
Features
Application
ASIC input and output amplifier
Sensor interface
Piezoelectric sensing amplifier
Battery-powered equipment
The mobile communication
Audio output
UMW
LMV321/LMV358/LMV324
R
LMV321 (single channel) is a rail-to-rail input, output voltage feedback, low power consumption operational amplifier.
It has wide input common mode voltage and output swing. The minimum working voltage can be up to 2.1V, and the
maximum working voltage is recommended to be 5.5V. Used as power amplifier in all kinds of pocket or portable stereo
radio recorders.
LMV321 has the following characteristics:Can provide 1MHz gain bandwidth product. It has an extremely low input bias
current (about 10pA TYP) and can be used for integration,photo diode amplifiers and piezoelectric sensors. The Rail to
Rail input and output buffers are also used for specific IC designs in single power systems. Applications of this series of
amplifiers include safety monitoring, portable devices, batteries and power supplies, supply control, signal processing
and interfaces in low power sensor systems.
The LMV321 single is available in Green SC70-5 and SOT23-5 packages. The LMV358 dual is available in Green SOP-8 and
TSSOP-8 packages.The LMV324 Quad is available in Green SOP- 14 and TSSOP-14 packages.
■
■
■
■
■
■
■
■
■
■
■
■
Pin Configuration
LMV321
LMV358
LMV324
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
SOT23-5/SC70-5
SOP-8/TSSOP-8
SOP-14/TSSOP-14


Similar Part No. - LMV358IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358IPWR TI-LMV358IPWR Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWR TI-LMV358IPWR Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWR TI-LMV358IPWR Datasheet
1Mb / 37P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWR TI-LMV358IPWR Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWR TI-LMV358IPWR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358IPWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com