Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW07217ST Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # PW07217ST
Description  PoE SERIES POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

PW07217ST Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  PW07217ST Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PoE SERIES POWER TRANSFORMER
REV :A
RoHS Compliant
Operating temperature: -40℃ to +125℃
Storage temperature: -40℃ to +125℃
Electrical Specification @25℃
PART No.
Ls@100KHz,0.1V
LK@100KHz,0.1V
Turns Ratio
PW07217ST
1,2-3,4
1,2-3,4 (Short other pins) (1,2-3,4):(5-6):(7-10):(8,9-11,12)
100uH±20%
1.0uH Max
16:10:4:10±3%
Continue
DCR
HI-POT
1,2-3,4
5-6
7 -10
8,9-11,12
PRI TO SEC
PRI,SEC to CORE
38mΩ Max
350mΩ Max
140mΩ Max
19mΩ Max
1500VAC/1mA/60Sec 600VAC/1mA/60Sec
MECHANICAL(Unit:mm)
SCHEMATICS
G u a n g Do n g M IS U N Te c h n o l o g y C o . , L t d
TE L : +8 6 - 7 6 9 - 8 6 7 6 1 5 8 9
FA X : +8 6 - 7 6 9 - 8 6 7 6 1 5 4 9


Similar Part No. - PW07217ST

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
PW07207ST FPE-PW07207ST Datasheet
341Kb / 1P
PoE SERIES POWER TRANSFORMER
REV C
More results

Similar Description - PW07217ST

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0356-EP13S XFMRS-XF0356-EP13S_15 Datasheet
48Kb / 1P
POE TRANSFORMER
XF0406A-EFD15S XFMRS-XF0406A-EFD15S_15 Datasheet
82Kb / 1P
POE TRANSFORMER
logo
GUANGDONG MISUN TECHNOL...
PW01157ST FPE-PW01157ST Datasheet
505Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW01278ST FPE-PW01278ST Datasheet
514Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW01319ST FPE-PW01319ST Datasheet
511Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW01335ST FPE-PW01335ST Datasheet
357Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW01341ST FPE-PW01341ST Datasheet
473Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW07054ST FPE-PW07054ST Datasheet
487Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
PW07207ST FPE-PW07207ST Datasheet
341Kb / 1P
PoE SERIES POWER TRANSFORMER
REV C
PW07301ST FPE-PW07301ST Datasheet
327Kb / 1P
PoE SERIES POWER TRANSFORMER
REV A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com