Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78M680 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78M680
Description  USB Full Speed Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M680 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78M680 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78M680 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Contents
Product Specification (V1.11) 02.10.2007
•
15
6.2.1.14 RE (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P77_IF
P76_IF
Reserved
Reserved RF2_High RF2_Low RF1_High RF1_Low
RE [0]
RF1_Low flag: Pattern Detection interruption flag. RF1 low pattern
compare flag.
RE [1]
RF1_High flag: Pattern Detection interruption flag. RF1 high pattern
compare flag.
RE [2]
RF2_Low flag: Pattern Detection interruption flag. RF2 low pattern
compare flag.
RE [3]
RF2_High flag: Pattern Detection interruption flag. RF2 high pattern
compare flag.
RE [4~5] Reserved. Do not use.
RE [6]
P76_IF: P76 State Change interruption flag.
RE [7]
P77_IF: P77 State Change interruption flag. The interrupt vector is in
0x0018 address.
6.2.1.15 RF (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OUT EP_IF
−
−
Resume_IF
USBReset_IF Suspend_IF
EP0_IF
TCC_IF
RF [0]
TCC timer overflow interruption flag. It will be set while TCC timer
overflows, and is cleared by the firmware.
RF [1]
EndPoint Zero interruption flag. It will be set when the EM78M680
receives Vender /Customer Command to EndPoint Zero. This bit is
cleared by the firmware
RF [2]
USB Suspend interrupt flag: It will be set when the EM78M680 finds the
USB Suspend Signal on USB bus. This bit is cleared by the firmware.
RF [3]
USB Reset interrupt flag. It will be set when the Host issues the USB
Reset signal.
RF [4]
USB Host Resume interrupt flag. It will be set only under Dual clock
mode when the USB suspend signal becomes low.
RF [5~6] Not used and read as “0”.
RF [7]
OUT endpoint interrupt flag. It will be set when the fifo of outendpoint
has been received data from host.
Extra RAM0 :
6.2.1.16 R10 (USB Endpoint Status Register) : Default (0b0000_0000)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
−
−
−
EP5_ST
EP4_ST
EP3_ST
EP2_ST
EP1_ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com