Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F017D Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F017D
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F017D Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F017D Datasheet HTML 3Page - Advanced Micro Devices AM29F017D Datasheet HTML 4Page - Advanced Micro Devices AM29F017D Datasheet HTML 5Page - Advanced Micro Devices AM29F017D Datasheet HTML 6Page - Advanced Micro Devices AM29F017D Datasheet HTML 7Page - Advanced Micro Devices AM29F017D Datasheet HTML 8Page - Advanced Micro Devices AM29F017D Datasheet HTML 9Page - Advanced Micro Devices AM29F017D Datasheet HTML 10Page - Advanced Micro Devices AM29F017D Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
September 12, 2006 21195E5
Am29F017D
5
DA TA
SH EET
CONNECTION DIAGRAMS
PIN CONFIGURATION
A0–A20
=
21 Addresses
DQ0–DQ7 =
8 Data Inputs/Outputs
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
RESET#
=
Hardware Reset Pin, Active Low
RY/BY#
=
Ready/Busy Output
VCC
=
+5.0 V single power supply see
Product Selector Guide for device
speed ratings and voltage supply
tolerances)
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
LOGIC SYMBOL
1
24
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
NC
NC
NC
A19
A18
A17
A16
A15
A14
A13
A12
CE#
VCC
NC
RESET#
A11
A10
A9
A8
A7
A6
A5
A4
NC
48
25
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
NC
NC
NC
A20
NC
WE#
OE#
RY/BY#
DQ7
DQ6
DQ5
DQ4
VCC
VSS
VSS
DQ3
DQ2
DQ1
DQ0
A0
A1
A2
A3
NC
48-Pin Standard TSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A19
A18
A17
A16
A15
A14
A13
A12
CE#
VCC
NC
RESET#
A11
A10
A9
A8
A7
A6
A5
A4
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A20
NC
WE#
OE#
RY/BY#
DQ7
DQ6
DQ5
DQ4
VCC
VSS
VSS
DQ3
DQ2
DQ1
DQ0
A0
A1
A2
A3
40-Pin Standard TSOP
21
8
DQ0–DQ7
A0–A20
CE#
OE#
WE#
RESET#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com