Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF298FE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LF298FE
Description  Sample-and-hold amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LF298FE Datasheet(HTML) 1 Page - NXP Semiconductors

  LF298FE Datasheet HTML 1Page - NXP Semiconductors LF298FE Datasheet HTML 2Page - NXP Semiconductors LF298FE Datasheet HTML 3Page - NXP Semiconductors LF298FE Datasheet HTML 4Page - NXP Semiconductors LF298FE Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LF198/LF298/LF398
Sample-and-hold amplifiers
879
August 31, 1994
853-0135 13721
DESCRIPTION
The LF198/LF298/LF398 are monolithic sample-and-hold circuits
which utilize high-voltage ion-implant JFET technology to obtain
ultra-high DC accuracy with fast acquisition of signal and low droop
rate. Operating as a unity gain follower, DC gain accuracy is 0.002%
typical and acquisition time is as low as 6
µs to 0.01%. A bipolar
input stage is used to achieve low offset voltage and wide
bandwidth. Input offset adjust is accomplished with a single pin and
does not degrade input offset drift. The wide bandwidth allows the
LF198 to be included inside the feedback loop of 1MHz op amps
without having stability problems. Input impedance of 1010
Ω allows
high source impedances to be used without degrading accuracy.
P-channel junction FETs are combined with bipolar devices in the
output amplifier to give droop rates as low as 5mV/min with a 1
µF
hold capacitor. The JFETs have much lower noise than MOS
devices used in previous designs and do not exhibit high
temperature instabilities. The overall design guarantees no
feedthrough from input to output in the hold mode even for input
signals equal to the supply voltages.
Logic inputs are fully differential with low input current, allowing
direct connection to TTL, PMOS, and CMOS; differential threshold is
1.4V. The LF198/LF298/LF398 will operate from
±5V to ±18V
supplies. They are available in 8-pin plastic DIP, 8-pin Cerdip, and
14-pin plastic SO packages.
FEATURES
• Operates from ±5V to ±18V supplies
• Less than 10µs acquisition time
• TTL, PMOS, CMOS compatible logic input
• 0.5mV typical hold step at CH=0.01µF
• Low input offset
• 0.002% gain accuracy
• Low output noise in hold mode
• Input characteristics do not change during hold mode
• High supply rejection ratio in sample or hold
• Wide bandwidth
PIN CONFIGURATIONS
FE, N Packages
D1 Package
NOTE:
1. SO and non-standard pinouts.
TOP VIEW
TOP VIEW
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
14
13
12
11
10
9
V+
OFFSET VOLTAGE
INPUT
V–
NC
V+
OUTPUT
LOGIC
INPUT
V–
LOGIC REF
NC
NC
NC
NC
NC
LOGIC
LOGIC REFERENCE
OUTPUT
VOS Adj
Ch
Ch
APPLICATION
• The LF198/LF298/LF398 are ideally suited for a wide variety of
sample-and-hold applications, including data acquisition,
analog-to-digital conversion, synchronous demodulation, and
automatic test setup
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
LF198FE
0580A
14-Pin Plastic Small Outline (SO) Package
0 to +70
°C
LF398D
0175D
8-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
LF398FE
0580A
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LF398N
0404B
8-Pin Ceramic Dual In-Line Package (CERDIP)
-25
°C to +85°C
LF298FE
0580A
8-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LF298N
0404B


Similar Part No. - LF298FE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF298 NSC-LF298 Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF298 ETC-LF298 Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF298 TI1-LF298 Datasheet
564Kb / 15P
LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
LF298 TI1-LF298 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF298 TI1-LF298 Datasheet
3Mb / 38P
LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF298FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com