Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV040B Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV040B Datasheet HTML 1Page - Advanced Micro Devices AM29LV040B Datasheet HTML 2Page - Advanced Micro Devices AM29LV040B Datasheet HTML 3Page - Advanced Micro Devices AM29LV040B Datasheet HTML 4Page - Advanced Micro Devices AM29LV040B Datasheet HTML 5Page - Advanced Micro Devices AM29LV040B Datasheet HTML 6Page - Advanced Micro Devices AM29LV040B Datasheet HTML 7Page - Advanced Micro Devices AM29LV040B Datasheet HTML 8Page - Advanced Micro Devices AM29LV040B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
October 11, 2006 21354E4
Am29LV040B
5
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 6
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 7
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 9
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 10
Table 1. Am29LV040B Device Bus Operations . . . . . . . . . . . . . . .10
Requirements for Reading Array Data . . . . . . . . . . . . . . . . . 10
Writing Commands/Command Sequences . . . . . . . . . . . . . . 10
Program and Erase Operation Status . . . . . . . . . . . . . . . . . . 11
Standby Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Automatic Sleep Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Output Disable Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 2. Am29LV040BT Sector Address Table . . . . . . . . . . . . . . .11
Autoselect Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 3. Am29LV040B Autoselect Codes (High Voltage Method) .12
Sector Protection/Unprotection . . . . . . . . . . . . . . . . . . . . . . . 12
Hardware Data Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Low VCC Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Write Pulse “Glitch” Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Logical Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Power-Up Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 13
Reading Array Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Reset Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Autoselect Command Sequence . . . . . . . . . . . . . . . . . . . . . . 13
Byte Program Command Sequence . . . . . . . . . . . . . . . . . . . 13
Unlock Bypass Command Sequence . . . . . . . . . . . . . . . . . . . . . . .14
Chip Erase Command Sequence . . . . . . . . . . . . . . . . . . . . . 14
Figure 1. Program Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Sector Erase Command Sequence . . . . . . . . . . . . . . . . . . . . 15
Erase Suspend/Erase Resume Commands . . . . . . . . . . . . . 15
Figure 2. Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Command Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 4. Am29LV040B Command Definitions . . . . . . . . . . . . . . . . .17
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 18
DQ7: Data# Polling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 3. Data# Polling Algorithm . . . . . . . . . . . . . . . . . . . . . . . . . 18
DQ6: Toggle Bit I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
DQ2: Toggle Bit II . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Reading Toggle Bits DQ6/DQ2 . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 4. Toggle Bit Algorithm. . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
DQ5: Exceeded Timing Limits . . . . . . . . . . . . . . . . . . . . . . . . 20
DQ3: Sector Erase Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 5. Write Operation Status . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 22
Figure 5. Maximum Negative Overshoot Waveform . . . . . . . . . . . 22
Figure 6. Maximum Positive Overshoot Waveform. . . . . . . . . . . . 22
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 7. ICC1 Current vs. Time (Showing Active and Automatic
Sleep Currents) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 8. Typical ICC1 vs. Frequency . . . . . . . . . . . . . . . . . . . . . . 24
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 9. Test Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 6. Test Specifications ........................................................... 25
Key to Switching Waveforms. . . . . . . . . . . . . . . . 25
Figure 10. Input Waveforms and Measurement Levels . . . . . . . . 25
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26
Read Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 11. Read Operations Timings . . . . . . . . . . . . . . . . . . . . . . 26
Erase/Program Operations . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 12. Program Operation Timings. . . . . . . . . . . . . . . . . . . . . 28
Figure 13. Chip/Sector Erase Operation Timings . . . . . . . . . . . . . 28
Figure 14. Data# Polling Timings (During Embedded Algorithms) 29
Figure 15. Toggle Bit Timings (During Embedded Algorithms). . . 29
Figure 16. DQ2 vs. DQ6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Alternate CE# Controlled Erase/Program Operations . . . . . . 31
Figure 17. Alternate CE# Controlled Write Operation Timings . . . 32
Erase and Programming Performance . . . . . . . 33
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 33
TSOP and SO Pin Capacitance . . . . . . . . . . . . . . 33
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 34
TS 032—32-Pin Standard TSOP . . . . . . . . . . . . . . . . . . . . . . 34
PL 032—32-Pin Plastic Leaded Chip Carrier . . . . . . . . . . . . 35
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com