Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BL162C Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 11Page - Advanced Micro Devices AM29BL162C Datasheet HTML 12Page - Advanced Micro Devices AM29BL162C Datasheet HTML 13Page - Advanced Micro Devices AM29BL162C Datasheet HTML 14Page - Advanced Micro Devices AM29BL162C Datasheet HTML 15Page - Advanced Micro Devices AM29BL162C Datasheet HTML 16Page - Advanced Micro Devices AM29BL162C Datasheet HTML 17Page - Advanced Micro Devices AM29BL162C Datasheet HTML 18Page - Advanced Micro Devices AM29BL162C Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
January 22, 2007 22142F9
Am29BL162C
11
D A TA
SH EET
Current is reduced for the duration of the RESET# pulse.
When RESET# is held at VSS±0.3 V, the device draws
CMOS standby current (ICC4). If RESET# is held at VIL
but not within VSS±0.3 V, the standby current is greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the RY/BY# pin remains a “0” (busy) until the inter-
nal reset operation is complete, which requires a time of
tREADY (during Embedded Algorithms). The system can
thus monitor RY/BY# to determine whether the reset op-
eration is complete. If RESET# is asserted when a pro-
gram or erase operation is not executing (RY/BY# pin is
“1”), the reset operation is completed within a time of
tREADY (not during Embedded Algorithms). The system
can read data tRH after the RESET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 17 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.
Table 2.
Sector Address Table
Sector
Sector Size
A19
A18
A17
A16
A15
A14
A13
A12
Address Range
SA0
8 Kwords
0000000
X
00000h–01FFFh
SA1
4 Kwords
00000010
02000h–02FFFh
SA2
4 Kwords
00000011
03000h–03FFFh
SA3
112 Kwords
0
0
0
00100–11111
04000h–1FFFFh
SA4
128 Kwords
0
0
1
XXXXX
20000h–3FFFFh
SA5
128 Kwords
0
1
0
XXXXX
40000h–5FFFFh
SA6
128 Kwords
0
1
1
XXXXX
60000h–7FFFFh
SA7
128 Kwords
1
0
0
XXXXX
80000h–9FFFFh
SA8
128 Kwords
1
0
1
XXXXX
A0000h–BFFFFh
SA9
128 Kwords
1
1
0
XXXXX
C0000h–DFFFFh
SA10
128 Kwords
1
1
1
XXXXX
E0000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com