Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV010B Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV010B
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV010B Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV010B Datasheet HTML 5Page - Advanced Micro Devices AM29LV010B Datasheet HTML 6Page - Advanced Micro Devices AM29LV010B Datasheet HTML 7Page - Advanced Micro Devices AM29LV010B Datasheet HTML 8Page - Advanced Micro Devices AM29LV010B Datasheet HTML 9Page - Advanced Micro Devices AM29LV010B Datasheet HTML 10Page - Advanced Micro Devices AM29LV010B Datasheet HTML 11Page - Advanced Micro Devices AM29LV010B Datasheet HTML 12Page - Advanced Micro Devices AM29LV010B Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
October 11, 2006 22140D6
Am29LV010B
9
D A TA SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV010B
-55
E
C
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)
D= Commercial (0°C to +70°C) with Pb-free package
I = Industrial (–40
°C to +85°C)
F = Industrial (–40
°C to +85°C) with Pb-free package
E = Extended (–55
°C to +125°C)
K= Extended (–55
°C to +125°C) with Pb-free package
PACKAGE TYPE
E= 32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29LV010B
1 Megabit (128 K x 8-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program and Erase
Valid Combinations
AM29LV010B-55
EC, ED, EI, EF, EE, EK
JC, JD, JI, JF, JE, JK
AM29LV010B-70
AM29LV010B-90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com