Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLE18100X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LLE18100X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18100X Datasheet(HTML) 4 Page - NXP Semiconductors

  LLE18100X Datasheet HTML 1Page - NXP Semiconductors LLE18100X Datasheet HTML 2Page - NXP Semiconductors LLE18100X Datasheet HTML 3Page - NXP Semiconductors LLE18100X Datasheet HTML 4Page - NXP Semiconductors LLE18100X Datasheet HTML 5Page - NXP Semiconductors LLE18100X Datasheet HTML 6Page - NXP Semiconductors LLE18100X Datasheet HTML 7Page - NXP Semiconductors LLE18100X Datasheet HTML 8Page - NXP Semiconductors LLE18100X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
November 1994
4
Philips Semiconductors
Product specification
NPN silicon planar epitaxial microwave
power transistor
LLE18100X
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tmb = 25 °C unless otherwise specified
APPLICATION INFORMATION
Microwave performance up to Tmb =25 °C in a common emitter class AB amplifier (note 1).
Note
1. The test circuit is split into 2 independant halves each being 30
× 40 mm in size.
SYMBOL
PARAMETER
CONDITIONS
MAX.
Rth j-mb
thermal resistance from junction to mounting base
Tj = 100 °C
4.2 K/W
Rth mb-h
thermal resistance from mounting base to heatsink
0.2 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
VCB = 20 V;
IE =0
−
1mA
ICER
collector cut-off current
VCE = 30 V;
RBE = 220 Ω
−
10
mA
ICEO
collector cut-off current
VCE = 20 V;
IB =0
−
10
mA
IEBO
emitter cut-off current
VEB = 1.5 V;
IC =0
−
100
µA
hFE
DC current gain
VCE =3 V;
IC =1 A
15
100
MODE OF OPERATION
f
(GHz)
VCE
(V)
ICQ
(A)
PL1
(W)
Gpo
(dB)
Zi/ZL
(
Ω)
class AB (CW)
1.85
24
0.1
≥ 9;
typ. 11
≥ 8;
typ. 10
see Figs 8 and 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com