Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F400BB-90SC Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29F400BB-90SC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-90SC Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29F400BB-90SC Datasheet HTML 35Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 36Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 37Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 38Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 39Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 40Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 41Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 42Page - Advanced Micro Devices AM29F400BB-90SC Datasheet HTML 43Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
November 1, 2006 21505E5
Am29F400B
39
D A TA
SH EE T
REVISION SUMMARY
Revision A (August 1997)
Initial release.
Revision B (October 1997)
Global
Added -55 and -60 speed options, deleted -65 speed
option. Changed data sheet designation from Advance
Information to Preliminary.
Connection Diagrams
Corrected pinouts on all packages: deleted A18.
Table 1, Device Bus Operations
Revised to indicate inputs for both CE# and RESET#
are required for standby mode.
Sector Protection/Unprotection
Corrected text to indicate that these functions can only
be implemented using programming equipment.
Program Command Sequence
Changed to indicate Data# Polling is active for 2 µs
after a program command sequence if the sector spec-
ified is protected.
Sector Erase Command Sequence and DQ3: Sector
Erase Timer
Corrected sector erase timeout to 50 µs.
Erase Suspend Command
Changed to indicate that the device suspends the
erase operation a maximum of 20 µs after the rising
edge of WE#.
DC Characteristics
Changed to indicate VID min and max values are 11.5
to 12.5 V,with a VCC test condition of 5.0 V. Revised ILIT
to 50 µA. Added ICC4 specification. Added typical
values to TTL/NMOS table. Revised CMOS typical
standby current (ICC3).
Figure 14: Chip/Sector Erase Operation Timings;
Figure 19: Alternate CE# Controlled Write
Operation TImings
Corrected hexadecimal values in address and data
waveforms.
AC Characteristics, Erase/Program Operations
Corrected tAH specification for -90 speed option to 45
ns.
Erase and Programming Performance
Corrected word and chip programming times.
Revision C (January 1998)
Global
Formatted for consistency with other 5.0 volt-only
data sheets.
AC Characteristics
Changed tDF and TFLQZ to 15 ns for -55 speed option.
Revision C+1 (February 1998)
Table 2, Top Boot Block Sector Address Table
Corrected the sector size for SA10 to 16 Kbytes/
8 Kwords.
DC Characteristics—TTL/NMOS Compatible
Deleted Note 4.
Revision C+2 (April 1998)
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
Product Selector Guide, Ordering Information
Added 55 ns ±10% speed option.
AC Characteristics
Word/Byte Configuration: Changed tFHQV specification
for 55 ns device.
Erase/Program Operations: Changed tWHWH1 word
mode specification to 12 µs. Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested.
Changed tDS and tCP specifications for 55 ns device.
Alternate CE# Controlled Erase/Program Operations:
Changed tWHWH1 word mode specification to 12 µs.
Corrected the notes reference for tWHWH1 and tWHWH2.
These parameters are 100% tested.
Changed tDS and tCP specifications for 55 ns device.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Revision C+3 (June 1998)
Distinctive Characteristics
High Performance: Changed “Access times as fast as
55 ns” to “Access times as fast as 45 ns”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com