Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIMD10A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DIMD10A
Description  DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DIMD10A Datasheet(HTML) 2 Page - Diodes Incorporated

  DIMD10A Datasheet HTML 1Page - Diodes Incorporated DIMD10A Datasheet HTML 2Page - Diodes Incorporated DIMD10A Datasheet HTML 3Page - Diodes Incorporated DIMD10A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30391 Rev. 4 - 2
2 of 4
DIMD10A
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(off)
-0.3
V
VCC = -5V, IO = -100
µA
Vl(on)
-1.5
VO = 0.3, IO = -100mA
Output Voltage
VO(on)
-0.1
-0.3
V
IO = -100mA/-5mA
Input Current
Il
-25
mA
VI = -2V
Output Current
IO(off)
-0.5
µA
VCC = -50V, VI = 0V
DC Current Gain
Gl
68
Gain-Bandwidth Product*
fT
200
MHz
VCE = -10V, IE = -50mA,
f = 100MHz
Electrical Characteristics PNP Section Tr1 @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Electrical Characteristics NPN Section Tr2 @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50
µA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 50
µA
Collector Cutoff Current
ICBO
0.5
µA
VCB = 50V
Emitter Cutoff Current
IEBO
0.5
µA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 10mA / 1.0mA
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com