Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL36 Datasheet(PDF) 2 Page - RFE international

Part # SSL36
Description  Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SSL36 Datasheet(HTML) 2 Page - RFE international

  SSL36 Datasheet HTML 1Page - RFE international SSL36 Datasheet HTML 2Page - RFE international SSL36 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
SYMBOL
UNIT
SSL34
SSL36
SSL310
Thermal
Resistance
Junction to lambient
RθJ-L
/W
48(1)
Junction to lead
RθJ-L
/W
13(1)
Note(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
SSL34~SSL310
F1
Approximate 0.252
3000
6000
42000
13” reel
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
20
100
80
60
40
0
Number of Cycles
FIG.2: Forward Surge Current Capability
0
50
150
Resistive or Inductive Load
P.C.B. Mounted on 0.6"×0.6"
(16mm×16mm)Copper Pad Areas
100
3.0
0
25
75
125
2.5
2.0
1.5
1.0
0.5
Ambient Temperature
( )
FIG.1: Io-Ta Curve
SSL34
0.01
0.4
0.1
1
0.6
0.8
1.0
0.2
0
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0.02
0.05
0.5
2
4
6
SSL34
SSL36
SSL310
Tj=25
Tj=100
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
SSL310
SSL34-SSL36
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Surface Mount Schottky Rectifier
SSL34 Through SSL310
DO-214AB(SMC)
10-14-2022
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)
PACKAGING INFORMATION
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
%
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com