Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL56 Datasheet(PDF) 1 Page - RFE international

Part # SSL56
Description  Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SSL56 Datasheet(HTML) 1 Page - RFE international

  SSL56 Datasheet HTML 1Page - RFE international SSL56 Datasheet HTML 2Page - RFE international SSL56 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● Guardring for overvoltage protection
●Low forward voltage drop,Low power losses
● High forward surge capability
● High frequency operation
● Solder dip 260 °C max. 10 s, per JESD 22-B106
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
● Package : DO-
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals : Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: Color band denotes the cathode end
PARAMETER
SYMBOL
UNIT
SSL54
SSL56
SSL510
Device marking code
SSL54
SSL56
SSL510
Repetitive Peak Reverse Voltage
VRRM
V
40
60
100
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
A
5.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25
IFSM
A
100
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+125
-55 ~+150
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
SSL54
SSL56
SSL510
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=5.0A
0.45
0.5
0.7
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
mA
Ta=25
0.5
Ta=100
50
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied Reverse
Voltage of 4.0 V.D.C.
330
220
680
Surface Mount Schottky Rectifier
SSL54 Through SSL510
SMAF
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
°C
°C
°C
°C
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
10-14-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - SSL56

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL56 YANGJIE-SSL56 Datasheet
201Kb / 2P
Schottky Rectifier
logo
Shenzhen Yixinwei Techn...
SSL56 YIXIN-SSL56 Datasheet
251Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SSL56 YFWDIODE-SSL56 Datasheet
449Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Yangzhou yangjie electr...
SSL56B YANGJIE-SSL56B Datasheet
195Kb / 2P
Schottky Rectifier
logo
RFE international
SSL56B RFE-SSL56B Datasheet
2Mb / 3P
Surface Mount Schottky Rectifier
10-14-2022
More results

Similar Description - SSL56

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com