Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLE18150X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LLE18150X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18150X Datasheet(HTML) 4 Page - NXP Semiconductors

  LLE18150X Datasheet HTML 1Page - NXP Semiconductors LLE18150X Datasheet HTML 2Page - NXP Semiconductors LLE18150X Datasheet HTML 3Page - NXP Semiconductors LLE18150X Datasheet HTML 4Page - NXP Semiconductors LLE18150X Datasheet HTML 5Page - NXP Semiconductors LLE18150X Datasheet HTML 6Page - NXP Semiconductors LLE18150X Datasheet HTML 7Page - NXP Semiconductors LLE18150X Datasheet HTML 8Page - NXP Semiconductors LLE18150X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
September 1994
4
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LLE18150X
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tmb = 25 °C unless otherwise specified.
APPLICATION INFORMATION
Microwave performance up to Tmb = 25 °C in a common emitter class AB amplifier.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj = 100 °C
3.6
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
0.2
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
−
1.5
mA
V(BR)CER
collector-emitter breakdown voltage IC = 0 mA; RBE = 220 Ω
30
−
V
V(BR)CBO
collector-base breakdown voltage
IC =10mA
45
−
V
V(BR)EBO
emitter-base breakdown voltage
IE =10mA
3
−
V
hFE
DC current gain
IC = 0.5 A; VCE = 3 V
15
100
MODE OF
OPERATION
f
(GHz)
VCE
(V)
ICQ
(A)
PL1
(W)
Gpo
(dB)
ηC
(%)
Zi; ZL
(
Ω)
Class AB (CW)
1.85
24
0.05
≥12
typ. 15
≥7.8
typ. 8.5
typ. 43
see Figs 6
and 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com