Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV002BB-55REF Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29LV002BB-55REF
Description  2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV002BB-55REF Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29LV002BB-55REF Datasheet HTML 33Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 34Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 35Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 36Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 37Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 40Page - Advanced Micro Devices AM29LV002BB-55REF Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
38
Am29LV002B
21520D5 October 11, 2006
D A TA SH EET
REVISION SUMMARY
Revision A (January 1998)
Released initial, abbreviated version.
Revision B (June 1998)
Expanded data sheet from Advanced Information to
Preliminary version.
Distinctive Characteristics
Changed “Manufactured on 0.35 µm process technology”
to “Manufactured on 0.32 µm process technology”.
General Description
Second paragraph: Changed “This device is manufac-
tured using AMD’s 0.35 µm process technology” to
“This device is manufactured using AMD’s 0.32 µm
process technology”
Revision B+1 (August 1998)
Global
Added the -55R speed option; deleted the -80 speed
option.
DC Characteristics
Added the note on maximum ICC specifications to
table.
AC Characteristics
Alternate CE# Controlled Erase/Progran Operations:
Corrected the -90 tCP specification.
Revision C (January 1999)
Distinctive Characteristics
Added bullet for 20-year data retention at 125
°C
AC Characteristics—Erase/Program Operations
tDVWH: Changed the -55R speed option to 35 ns from
20 ns.
tWLWH: Changed the -55R speed option to 35 ns from
30 ns.
AC Characteristics—Alternate CE# Controlled
Erase/Program Operations
tDVEH: Changed the -55R speed option to 35 ns from 20
ns.
TSOP Pin Capacitance
Changed from “TSOP and SO Pin Capacitance”.
Revision D (November 18, 1999)
AC Characteristics—Figure 15. Program
Operations Timing and Figure 16. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D+1 (November 13, 2000)
Added table of contents. Deleted burn-in option from
Ordering Information section.
Revision D+2 (June 14, 2004)
Added Pb-free package OPNs.
Revision D+3 (January 5, 2006)
Removed all Reverse TSOP options.
Revision D+4 (September 12, 2006)
Erase and Program Operations table
Changed tBUSY to a maximum specification.
Revision D5 (October 11, 2006)
Global
Added notice on product availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com